Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download OM5234ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM5201ST/RT/DT OM5203ST/RT/DT OM5217ST/RT/DT OM5234ST/RT/DT OM5202ST/RT/DT OM5216ST/RT/DT OM5233ST/RT/DT
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
16 Amp, 50 To 600 Volts, 35 To 50 ns trr
FEATURES
* * * * * * * Very Low Forward Voltage Very Fast Recovery Time Hermetic Metal Package, JEDEC TO-257AA Outline Low Thermal Resistance Isolated Package High Surge Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. The series combines two high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for Hi-Rel applications where small size and a hermetically sealed package is required. Common anode configurations are also available. Common cathode is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . . 8A Surge Current (Non-Repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55 C to + 150 C X.
3.2
SCHEMATIC
1 2 COMMON ANODE 1 1 2 COMMON CATHODE OMXXXXST 3 DOUBLER 2 OMXXXXDT
MECHANICAL OUTLINE
.420 .410 .200 .190 .045 .035 .665 .645 .537 .527
1 2 3
3 OMXXXXRT
3
.150 .140
.430 .410 .038 MAX.
.750 .500
.005
Common cathode is standard. Contact the factory for performance characteristics for common anode and doubler. Z-Tab package also available.
.035 .025
.100 TYP.
.120 TYP.
4 11 R5 Supersedes 1 07 R4
3.2 - 43
OM5201ST/RT/DT - OM5234ST/RT/DT
ELECTRICAL CHARACTERISTICS (Per Diode)
Type PIV Maximum Forward Voltage (Volts) @ (1) Tj = 25 C Tj = 100 C 1.0V @ 8A .925V @ 8A Maximum Reverse Current @ PIV Tj = 25 C Tj = 100 C 10 A 500 A Maximum Maximum Reverse Thermal Recovery Resist. q Time (2) RqJC 35 nsec 3.8
OM5201XX OM5202XX OM5203XX OM5216XX OM5217XX OM5233XX OM5234XX
50 100 150 200 300 400 600
1.4V @ 8A 1.55V @ 8A
1.1V @ 8A 1.25V @ 8A
20 A 20 A
1.0 mA 1.0 mA
50 nsec 50 nsec
2.5
(1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%. (2) Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
50 V TO 200 V TYPICAL FORWARD VOLTAGE OM5201, 5202, 5203, 5216
100
300 V & 400 V TYPICAL FORWARD VOLTAGE OM5217, 5233
100
TJ = 150C
50 50
100C
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
30 20
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
25C
30 20
TJ = 150C
10
100C
10
25C
5.0 3.0 2.0
5.0 3.0 2.0
1.0
1.0
0.5 0.3 0.2
0.5 0.3 0.2
3.2
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VF = INSTANTANEOUS VOLTAGE (VOLTS)
VF = INSTANTANEOUS VOLTAGE (VOLTS)
TYPICAL REVERSE CURRENT OM5201, 5202, 5203, 5216
IR = REVERSE CURRENT (A) TJ = 150C 100C IR = REVERSE CURRENT (A)
100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 20 40 60 80 100 120 140 160 180 200
TYPICAL REVERSE CURRENT OM5217, 5233
100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 50 100 150 200 250 300 350 400 450 500
TJ = 150C
100C
25C
25C
VR = REVERSE VOLTAGE (VOLTS)
VR = REVERSE VOLTAGE (VOLTS)
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM5234ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X